Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM-009779 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009779
Description  Broadband CATV 5-Way Active Splitter with default loop-through Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009779 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009779 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009779 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009779 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009779 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009779 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009779 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-009779 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-009779 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Broadband CATV 5-Way Active Splitter with default loop-through Switch
50 - 1100 MHz
Rev. V1
MAAM-009779
3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VDD
VCONTROL IN - OUT1, 2, 3 or 4
IN - OUT5
1
1
On
On
0
0
Off
On
Truth Table10
10.Logic “1” for VDD = +5 volts and VCONTROL = +3.3 volts typical.
Schematics Including Off-Chip Components9
9. The exposed pad centered on the package bottom must be connected to ground for RF, DC and thermal considerations.
Power On Condition
Power Off, Default on Condition
Parameter
Absolute Maximum
Max Input Power
+5 dBm
VDD
+10.0 V
Operating Temperature
-40°C to +85°C
Junction Temperature 8
+150°C
Storage Temperature
-65°C to +150°C
VCONTROL
+8.5 V
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
7. These operating conditions will ensure MTTF > 1 x 106 hours.
8. Junction Temperature (TJ) = TA + Өjc * (V * I)
Typical thermal resistance (Өjc) = 73 °C/W.
a) For TA = 25°C,
TJ = 80 °C @ 5.0 V, 150 mA
b) For TA = 85°C,
TJ = 136 °C @ 5.0 V, 140 mA
Absolute Maximum Ratings 5,6,7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com