Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0008TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0008TR
Description  Digital Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0008TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0008TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0008TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0008TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0008TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0008TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Digital Attenuator
15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
M/A-COM Products
Rev. 5
MAATCC0008
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
—
DC - 0.5 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
—
—
—
1.5
1.8
2.1
1.9
2.2
2.6
Attenuation Accuracy
Any Bit or Combination of Bits
DC - 3.0 GHz
dB
VSWR
Full Range
DC - 3.0 GHz
Ratio
—
—
1.6:1
Trise, Tfall
Ton, Toff
Transients
10% to 90%
50% Cntl to 90%/10% RF
In-Band
10% to 90%
50% Cntl to 90%/10% RF
In-Band
nS
nS
mV
—
—
—
10
30
35
50
150
—
Switching Speed
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
—
—
ns
ns
—
—
25
4
—
—
1 dB Compression
—
50 MHz
0.5 - 3.0 GHz
dBm
dBm
—
—
+21
+27
—
—
Input IP3
Two-tone Inputs up to +5 dBm
50 MHz
0.5 - 3.0 GHz
dBm
dBm
—
—
+35
+48
—
—
Input IP2
Two-tone inputs up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
—
—
+43
+73
—
—
Vcc
VEE
—
—
—
V
V
4.5
-8.0
5.0
-5.0
5.5
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
—
—
V
V
0.0
2.0
—
—
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
—
uA
-1.0
—
1.0
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
—
uA
—
250
400
ΔIcc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
—
mA
—
—
1.0
IEE
VEE min to max, Vin = VIL or VIH
—
mA
-1.0
-0.2
—
± (.25 + 3% of attenuation) or ± .55 dB,
Whichever is greater
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin4
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
2.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
4.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Configuration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com