Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N40 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N40
Description  2 Amps, 400 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N40 Datasheet(HTML) 3 Page - Unisonic Technologies

  2N40 Datasheet HTML 1Page - Unisonic Technologies 2N40 Datasheet HTML 2Page - Unisonic Technologies 2N40 Datasheet HTML 3Page - Unisonic Technologies 2N40 Datasheet HTML 4Page - Unisonic Technologies 2N40 Datasheet HTML 5Page - Unisonic Technologies 2N40 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-524.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
400
V
Breakdown Voltage Temperature
Coefficient
BV
△
DSS/T
△ J VDS=VGS, ID=250µA
0.45
V/°C
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
1
25
µA
Forward
VGS=+30V, VDS=0V
+10 +200 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-10 -200 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
3.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.25A
2.0
3.5
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
240
pF
Output Capacitance
COSS
44
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
26
pF
SWITCHING PARAMETERS
Total Gate Charge
QG(TOT)
20
25
nC
Gate to Source Charge
QGS
2
3
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=320V, ID=2.5A
8
12
nC
Turn-ON Delay Time
tD(ON)
10
ns
Rise Time
tR
25
ns
Turn-OFF Delay Time
tD(OFF)
46
ns
Fall-Time
tF
VDD=200V, ID=2.5A, RG=24Ω,
RD=78 Ω
25
ns
Internal Drain Inductance
LD
Measured from drain lead 6
mm from package to centre of
die
4.5
nH
Internal Source Inductance
LS
Measured from source lead 6
mm from package to source
bond pad
7.5
nH
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
2.5
A
Maximum Body-Diode Pulsed Current
ISM
TC=25°C
10
A
Drain-Source Diode Forward Voltage
VSD
IS=2.5A, VGS=0V
1.2
V
Body Diode Reverse Recovery Time
tRR
200
ns
Body Diode Reverse Recovery Charge
QRR
IS=2.5A, VGS=0V, dI/dt=100A/µs
2.0
µC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com