Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60G-x-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N60G-x-TN3-R
Description  1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60G-x-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  1N60G-x-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N60G-x-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N60G-x-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N60G-x-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N60G-x-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N60G-x-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-052,I
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
1N60-A
600
V
Drain-Source Voltage
1N60-B
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
1.2
A
Continuous Drain Current
ID
1.2
A
Pulsed Drain Current (Note 1)
IDM
4.8
A
Single Pulsed (Note 2)
EAS
50
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
4.0
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
SOT-223
1
W
TO-251
28
W
TO-252
28
W
TO-220
40
W
TO-220F
21
W
TO-92(Ta=25℃)
1
W
Power Dissipation
TO-126
PD
12.5
W
Junction Temperature
TJ
+150
℃
Operating Temperature
TOPR
-55 ~ +150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
150
TO-251
110
TO-252
110
TO-220
62.5
TO-220F
62.5
TO-92
140
Junction-to-Ambient
TO-126
θJA
132
℃
/W
SOT-223
14
TO-251
4.53
TO-252
4.53
TO-220
3.13
TO-220F
5.95
Junction-to-Case
TO-126
θJc
10
℃
/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com