Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60L-x-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N60L-x-TN3-R
Description  2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-x-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N60L-x-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60L-x-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60L-x-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60L-x-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60L-x-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60L-x-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N60
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-053,Ma
2 Amps, 600/650 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 2N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 5Ω@VGS = 10V
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
TO-126
1
1
TO-220F
TO-220
1
1
TO-220F1
TO-262
1
1
TO-252
TO-251
1
TO-251L
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N60L-x-TA3-T
2N60G-x-TA3-T
TO-220
G
D
S
Tube
2N60L-x-TF1-T
2N60G-x-TF1-T
TO-220F1
G
D
S
Tube
2N60L-x-TF3-T
2N60G-x-TF3-T
TO-220F
G
D
S
Tube
2N60L-x-TM3-T
2N60G-x-TM3-T
TO-251
G
D
S
Tube
2N60L-x-TMA-T
2N60G-x-TMA-T
TO-251L
G
D
S
Tube
2N60L-x-TN3-R
2N60G-x-TN3-R
TO-252
G
D
S
Tape Reel
2N60L-x-T2Q-T
2N60G-x-T2Q-T
TO-262
G
D
S
Tube
2N60L-x-T60-K
2N60G-x-T60-K
TO-126
G
D
S
Bulk
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 2N60L-x-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60L-A-TA3-T UTC-2N60L-A-TA3-T Datasheet
272Kb / 8P
2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
2N60L-A-TF3-T UTC-2N60L-A-TF3-T Datasheet
272Kb / 8P
2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
2N60L-A-TM3-T UTC-2N60L-A-TM3-T Datasheet
272Kb / 8P
2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
2N60L-A-TN3-R UTC-2N60L-A-TN3-R Datasheet
272Kb / 8P
2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
2N60L-A-TN3-T UTC-2N60L-A-TN3-T Datasheet
272Kb / 8P
2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
More results

Similar Description - 2N60L-x-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60 Datasheet
211Kb / 8P
7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com