Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N70L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N70L-TN3-R
Description  2 Amps, 700 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N70L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N70
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-334.C
2 Amps, 700 Volts N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N70 is a high voltage MOSFET designed to have
better characteristics, such as fast switching time, low gate charge,
low on-state resistance and high rugged avalanche characteristics.
This power MOSFET is usually used at high speed switching
applications in power supplies, PWM motor controls, high efficient
DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 6.3Ω@VGS = 10V
* Ultra Low gate charge (typical 8.1nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N70L-TA3-T
2N70G-TA3-T
TO-220
G
D
S
Tube
2N70L-TF1-T
2N70G-TF1-T
TO-220F1
G
D
S
Tube
2N70L-TF3-T
2N70G-TF3-T
TO-220F
G
D
S
Tube
2N70L-TM3-T
2N70G-TM3-T
TO-251
G
D
S
Tube
2N70L-TN3-R
2N70G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source
(1) R: Tape Reel, T: Tube
(2) TA3: TO-220, TF1: TO-220F1, TF3: TO-220F,
(2) TM3: TO-251, TN3:TO-252
(3) G: Halogen Free, L: Lead Free
2N70L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating


Similar Part No. - 2N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
2N70L-TN3-R DOINGTER-2N70L-TN3-R Datasheet
766Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 2N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
12 Amps, 700 Volts N-CHANNEL MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
4N70 UTC-4N70 Datasheet
224Kb / 6P
4 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70K UTC-2N70K Datasheet
266Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
10 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com