Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7000ZG-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N7000ZG-T92-R
Description  115m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7000ZG-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N7000ZG-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N7000ZG-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N7000ZG-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N7000Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-535.a
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage (RGS≤1MΩ)
VDGR
60
V
Continuous
±20
V
Gate -Source Voltage
Non Repetitive (tp<50
μs)
VGS
±40
V
Continuous
115
mA
Maximum Drain Current
Pulsed
ID
800
mA
Maximum Power Dissipation
Derated above 25
°C
PD
400
3.2
mW
mW/
°C
Operating and Storage Temperature
TJ,TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
312.5
°C/W
ELECTRICAL CHARACTERISTICS (Ta =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=10 μA
60
V
1
μA
Drain-Source Leakage Current
IDSS
VDS=60V, VGS =0V
TJ=125°C
0.5
mA
Gate-Body leakage, Forward
IGSSF
VGS =20V, VDS=0V
10
μA
Gate-Body leakage Reverse
IGSSR
VGS =-20V, VDS=0V
-10
μA
ON CHARACTERISTICS
(Note)
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID=250μA
1
2.1
2.5
V
VGS =10V, ID=500mA
TJ=100°C
1.2
1.7
7.5
13.5
Static Drain-Source On-Resistance
RDS(ON)
VGS =5.0V, ID=50mA
TJ=100°C
1.7
2.4
7.5
13.5
Ω
VGS = 10V, ID=500mA
0.6
3.75
Drain-Source On-Voltage
VDS(ON)
VGS = 5.0V, ID=50mA
0.09
1.5
V
On-State Drain Current
ID(ON)
VGS=10V, VDS 2V
≧
DS(ON)
500
2700
mA
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
20
50
pF
Output Capacitance
COSS
11
25
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V, f=1.0MHz
4
5
pF
Turn-On Time
tON
VDD=30V, RL=150Ω,
ID=200mA, VGS=10V, RGEN=25Ω
20
ns
Turn-Off Time
tOFF
VDD=30V, RL=150Ω, ID=200mA,
VGS=10V, RGEN=25Ω
20
ns
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward
Voltage
VSD
VGS=0V, Is=115mA(Note )
0.88
1.5
V
Maximum Continuous Drain-Source
Diode Forward Current
Is
115
mA
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
0.8
A
Note: Pulse Test: Pulse Width≤300μs, Duty Cycle≤2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com