Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR29MF12NIPF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PR29MF12NIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR29MF12NIPF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PR29MF12NIPF Datasheet HTML 2Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 3Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 4Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 5Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 6Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 7Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 8Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 9Page - Sharp Corporation PR29MF12NIPF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
Sleeve
50pcs/sleeve
Taping
1 000pcs/reel
PR39MF11NSZF
SMT Gullwing
PR39MF11NIPF
PR49MF11NSZF
PR39MF11YSZF
-
PR49MF11NIPF
PR39MF11YIPF
-
-
Approved
-
Approved
IFT[mA]
(VD
=6V,
RL
=100Ω)
PR29MF11NSZF
PR29MF11NIPF
PR39MF12NSZF
-
PR39MF12YSZF PR39MF12NIPF
-
PR39MF12YIPF
PR29MF12NSZF
PR29MF12NIPF
--
Rank mark
MAX.10
MAX.10
600
800
VDRM
[V]
1
1
MAX.10
MAX.5
400
1
MAX.5
2
2
6
Please contact a local SHARP sales representative to see the actual status of the production.
PR29MF1xNSZ Series/PR39MF1xNSZ Series/PR49MF11NSZ Series
Sheet No.: D4-A00601EN
■ Model Line-up (1) (Lead-free terminal components)
■ Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
MAX.10
MAX.10
Sleeve
50pcs/sleeve
Taping
1 000pcs/reel
PR39MF11NSZ
SMT Gullwing
-
PR49MF11NSZ
PR39MF11YSZ
--
-
-
-
Approved
-
Approved
600
800
IFT[mA]
(VD
=6V,
RL
=100Ω)
VDRM
[V]
1
1
MAX.10
MAX.5
PR29MF11NSZ
-
PR39MF12NSZ
-
PR39MF12YSZ
-
-
-
400
1
MAX.5
PR29MF12NSZ
-
--
2
2
Rank mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com