Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR39MF21YIPF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PR39MF21YIPF
Description  Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF21YIPF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PR39MF21YIPF Datasheet HTML 2Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 3Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 4Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 5Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 6Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 7Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 8Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 9Page - Sharp Corporation PR39MF21YIPF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
Sleeve
50pcs/sleeve
Taping
1 000pcs/reel
PR39MF22NSZF
SMT Gullwing
PR39MF22NIPF
PR39MF21NSZF
PR39MF22YSZF
PR39MF21YSZF PR39MF21NIPF
PR39MF22YIPF
PR39MF21YIPF
-
Approved
-
Approved
IFT[mA]
(VD
=6V,
RL
=100Ω)
PR29MF21NSZF
-
PR29MF21NIPF
-
Rank mark
MAX.5
MAX.10
600
VDRM
[V]
2
1
MAX.10
400
1
6
Please contact a local SHARP sales representative to see the actual status of the production.
PR29MF21NSZ Series
PR39MF2xNSZ Series
Sheet No.: D4-A00701EN
■ Model Line-up (1) (Lead-free terminal components)
■ Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
Sleeve
50pcs/sleeve
Taping
1 000pcs/reel
PR39MF22NSZ
SMT Gullwing
-
PR39MF21NSZ
PR39MF22YSZ
PR39MF21YSZ
-
-
-
-
Approved
-
Approved
IFT[mA]
(VD
=6V,
RL
=100Ω)
PR29MF21NSZ
---
Rank mark
MAX.5
MAX.10
600
VDRM
[V]
2
1
MAX.10
400
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com