Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR39MF22NSZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PR39MF22NSZ
Description  Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF22NSZ Datasheet(HTML) 2 Page - Sharp Corporation

  PR39MF22NSZ Datasheet HTML 1Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 2Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 3Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 4Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 5Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 6Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 7Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 8Page - Sharp Corporation PR39MF22NSZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
■ Internal Connection Diagram
1
6
8
1
2
3
4
5
2
3
4
Cathode
Anode
Cathode
Cathode
5
6
8
Gate
Output (T1)
Output (T2)
Zero Crossing Circuit
2
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PR29MF21NSZF]
2. SMT Gullwing Lead-Form [ex. PR29MF21NIPF]
2.54
±0.25
8
6
5
1.05
±0.2
1.2
±0.3
9.66
±0.5
0.5
±0.1
1
2
3
4
θ
θ
θ:0 to 13˚
7.62
±0.3
0.26
±0.1
Epoxy resin
R29MF2
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
8
6
5
2.54±
0.25
1.0
+0.4
−0
Epoxy resin
10.0
+0
−0.5
1.0
+0.4
−0
7.62±
0.3
9.66
±0.5
4
1
2
3
1.05
±0.2
1.2
±0.3
R29MF2
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
3. Through-Hole [ex. PR39MF21NSZF]
4. SMT Gullwing Lead-Form [ex. PR39MF21NIPF]
PR29MF21NSZ Series
PR39MF2xNSZ Series
Sheet No.: D4-A00701EN
2.54
±0.25
8
6
5
1.05
±0.2
1.2
±0.3
9.66
±0.5
0.5
±0.1
1
2
3
4
θ
θ
θ:0 to 13˚
7.62
±0.3
0.26
±0.1
Epoxy resin
R39MF2
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
8
2.54±
0.25
1.0
+0.4
−0
Epoxy resin
10.0
+0
−0.5
1.0
+0.4
−0
7.62±
0.3
9.66
±0.5
4
1
2
3
1.05
±0.2
1.2
±0.3
6
5
R39MF2
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
Product mass : approx. 0.54g
Product mass : approx. 0.56g
Product mass : approx. 0.54g
Product mass : approx. 0.56g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com