Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA684 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SA684
Description  PNP SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA684 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SA684 Datasheet HTML 1Page - Unisonic Technologies 2SA684 Datasheet HTML 2Page - Unisonic Technologies 2SA684 Datasheet HTML 3Page - Unisonic Technologies 2SA684 Datasheet HTML 4Page - Unisonic Technologies 2SA684 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA684
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R211-006.C
TYPICAL CHARACTERISTICS(Cont.)
Collector to Emitter Voltage vs.
Base to Emitter Resistance
100
Base to Emitter Resistance, RBE (KΩ)
0
-40
-60
-80
-100
-120
-20
0.1
0.3
13
10
30
IC=-10mA
Ta=25℃
VCE=-10V
0
20 40 60 80 100 120 140 160
Ambient Temperature, Ta (℃)
1
10
10
2
10
3
10
4
Collector to Emitter Current vs.
Ambient Temperature
Area Of Safe Operation (ASO)
-100
Collector To Emitter Voltage, VCE (V)
-0.001
-0.01
-0.1
-1
-3
-10
-0.003
-0.1 -0.3
-1
-3
-10
-30
-0.03
-0.3
Single Pulse
Ta=25℃
ICP
t=1s
t=10ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com