Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF213 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor MICRF213 Datasheet HTML 10Page - Micrel Semiconductor MICRF213 Datasheet HTML 11Page - Micrel Semiconductor MICRF213 Datasheet HTML 12Page - Micrel Semiconductor MICRF213 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
9
M9999-052307-A
(408) 944-0800
Please keep in mind that these suggested values may
be different if the layout is not exactly the same as the
one depicted here.
Freq (MHz)
C3 (pF)
L2 (nH)
Z device (
Ω)
303.825
1.8
72
34.6– j245.1
315
1.8
68
32.5 – j235
345
1.8
56
25.3 – j214
Table 4. Matching Values for the
Most Used Frequencies
For the frequency of 315MHz, the input impedance is
Z = 32.5 – j235
Ω, then the matching components are
calculated by:
Equivalent parallel = B = 1/Z = 0.577 + j4.175
msiemens
Rp = 1 / Re (B);
Xp = 1 / Im (B)
Rp = 1.733 k
Ω;
Xp = 239.5
Ω
Q = SQRT (Rp/50 + 1)
Q = 5.972
Xm = Rp / Q
Xm = 290.21
Ω
Resonance Method For L-shape Matching Network
Lc = Xp / (2.Pi.f);
Lp = Xm / (2.Pi.f)
L2 = (Lc.Lp) / (Lc + Lp);
C3 = 1 / (2.Pi.f.Xm)
L2 = 66.3nH
C3 = 1.74pF
Doing the same calculation example with the Smith
Chart, it would appear as follows,
First, we plot the input impedance of the device,
(Z = 32.5 – j235)
Ω @ 315MHz.(Figure 4).
Figure 4. Device’s Input Impedance, Z = 32.5 – j235
Ω
Second, we plot the shunt inductor (68nH) and the
series
capacitor
(1.8pF)
for
the
desired
input
impedance (Figure 5). We can see the matching
leading to the center of the Smith Chart or close to
50
Ω.
Figure 5. Plotting the Shunt Inductor
and Series Capacitor
Crystal Y1 or Y1A (SMT or leaded respectively) is the
reference clock for all the device internal circuits.
Desired
crystal
characteristics
are:
10pF
load
capacitance, 30ppm, ESR < 50
Ω and a -40ºC to
+105ºC temperature range. Table 5 shows the crystal
frequencies and one of Micrel’s approved crystal
manufactures (www.hib.com.br).
The oscillator of the MICRF213 is a Colpitts type. It is
very sensitive to stray capacitance loads. Thus, very
good care must be taken when laying out the printed
circuit board. Avoid long traces and ground plane on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com