Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB649X-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB649X-X-TN3-R
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB649X-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB649X-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB649X-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB649X-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB649X-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB649/A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R204-006,G
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-180
V
2SB649
-120
V
Collector-Emitter Voltage
2SB649A
VCEO
-160
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1.5
A
Collector Peak Current
lC(PEAK)
-3
A
TO-126/TO-126C
1
W
TO-92/TO-92NL
0.6
W
SOT-89
0.5
W
Collector Power Dissipation
TO-252
PC
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector to Base Breakdown Voltage
BVCBO IC=-1mA, IE=0
-180
V
2SB649
-120
Collector to Emitter Breakdown
Voltage
2SB649A
BVCEO IC=-10mA, RBE=∞
-160
V
Emitter to Base Breakdown Voltage
BVEBO IE=-1mA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-160V, IE=0
-10
μA
hFE1
VCE=-5V, IC=-150mA (note)
60
320
2SB649
hFE2
VCE=-5V, IC=-500mA (note)
30
hFE1
VCE=-5V, IC=-150mA (note)
60
200
DC Current Gain
2SB649A
hFE2
VCE=-5V, IC=-500mA (note)
30
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-600mA, IB=-50mA
-1
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-150mA
-1.5
V
Current Gain Bandwidth Product
fT
VCE=-5V,IC=-150mA
140
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
27
pF
Note: Pulse test.
CLASSIFICATION OF hFE1
RANK
RANGE
B
C
D
2SB649
60-120
100-200
160-320
2SB649A
60-120
100-200
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com