Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC30-R12K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MC30-R12K-RC
Description  Molded Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MC30-R12K-RC Datasheet(HTML) 1 Page - Allied Components International

  MC30-R12K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Physical
Packaging: 500 pieces per, 7” reel
Marking: EIA Inductance code
Molded Chip Inductors
MC30
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
All specifications subject to change without notice.
Features
• 1812 Molded Chip Inductor
• Terminals have high resistance to
• Excellent Solder Heat Resistance
Electrical
Inductance Range:
.10µh ~ 1000µh
Tolerance:
10% over entire range
Test Frequency:
.10µh ~ .82µh measured at 25.2Mhz,
Operating Temp:
-25ºC ~ +85ºC @ 75% RH
IDC:
The current at which inductance will drop no
more then 10% of it’s orginial value.
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Pb 63/37
Solder Temperature: 260 ± 5ºC
Also available in 5%
pull forces
Immersion Time: 10 ± 1sec, with no damage
1.0µh ~ 8.2µh measured at 7.96Mhz,
10µh ~ 82µh measured at 2.52Mhz,
100µh ~ 1000µh measured at .796Mhz,
REVISED 10/20/10
0.177±0.012
(4.50±0.30)
0.125±0.012
(3.2±0.30)
0.035 REF
(0.90 REF)
0.125±0.012
(3.20±0.30)
0.055 REF
(1.40 REF)
0.110
(2.80)
0.059
(1.50)
0.118
(3.00)
MC30-R10K-RC
.10
10
28
25.2
700
0.44
450
MC30-R12K-RC
.12
10
30
25.2
500
0.22
450
MC30-R15K-RC
.15
10
30
25.2
450
0.25
450
MC30-R18K-RC
.18
10
30
25.2
400
0.28
450
MC30-R22K-RC
.22
10
30
25.2
350
0.32
450
MC30-R27K-RC
.27
10
30
25.2
320
0.36
450
MC30-R33K-RC
.33
10
30
25.2
300
0.40
450
MC30-R39K-RC
.39
10
30
25.2
250
0.45
450
MC30-R47K-RC
.47
10
30
25.2
220
0.50
450
MC30-R56K-RC
.56
10
30
25.2
180
0.55
450
MC30-R68K-RC
.68
10
30
25.2
160
0.60
450
MC30-R82K-RC
.82
10
30
25.2
140
0.67
450
MC30-1R0K-RC
1.0
10
50
7.96
100
0.50
450
MC30-1R2K-RC
1.2
10
50
7.96
80
0.55
450
MC30-1R5K-RC
1.5
10
50
7.96
70
0.60
410
MC30-1R8K-RC
1.8
10
50
7.96
60
0.65
390
MC30-2R2K-RC
2.2
10
50
7.96
55
0.70
380
MC30-2R7K-RC
2.7
10
50
7.96
50
0.75
370
MC30-3R3K-RC
3.3
10
50
7.96
45
0.80
355
MC30-3R9K-RC
3.9
10
50
7.96
40
0.90
330
MC30-4R7K-RC
4.7
10
50
7.96
35
1.00
315
MC30-5R6K-RC
5.6
10
50
7.96
33
1.10
300
MC30-6R8K-RC
6.8
10
50
7.96
27
1.20
285
MC30-8R2K-RC
8.2
10
50
7.96
25
1.40
270
MC30-100K-RC
10
10
50
2.52
20
1.60
250
MC30-120K-RC
12
10
50
2.52
18
2.00
225
MC30-150K-RC
15
10
50
2.52
17
2.50
200
MC30-180K-RC
18
10
50
2.52
15
2.80
190
MC30-220K-RC
22
10
50
2.52
13
3.20
180
MC30-270K-RC
27
10
50
2.52
12
3.60
170
MC30-330K-RC
33
10
50
2.52
11
4.00
160
MC30-390K-RC
39
10
50
2.52
10
4.50
150
MC30-470K-RC
47
10
50
2.52
10
5.00
140
MC30-560K-RC
56
10
50
2.52
9.0
5.50
135
MC30-680K-RC
68
10
50
2.52
9.0
6.00
130
MC30-820K-RC
82
10
50
2.52
8.0
7.00
120
MC30-101K-RC
100
10
40
.796
8.0
8.00
110
MC30-121K-RC
120
10
40
.796
6.0
8.00
110
MC30-151K-RC
150
10
40
.796
5.0
9.00
105
MC30-181K-RC
180
10
40
.796
5.0
9.50
102
MC30-221K-RC
220
10
40
.796
4.0
12.0
100
MC30-271K-RC
270
10
30
.796
4.0
18.0
92
MC30-331K-RC
330
10
30
.796
3.5
20.0
85
MC30-391K-RC
390
10
30
.796
3.0
23.0
80
MC30-471K-RC
470
10
30
.796
3.0
26.0
62
MC30-561K-RC
560
10
30
.796
3.0
30.0
50
MC30-681K-RC
680
10
30
.796
3.0
40.0
50
MC30-821K-RC
820
10
30
.796
2.5
45.0
30
MC30-102K-RC
1000
10
30
.796
2.5
50.0
30
DCR
Max.
(
Ω)
IDC
(mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
Available in tighter tolerances.


Similar Part No. - MC30-R12K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MC30-R12K-RC ALLIED-MC30-R12K-RC Datasheet
393Kb / 1P
Molded Chip Inductors
More results

Similar Description - MC30-R12K-RC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
Allied Components Inter...
MC20A-R012M-RC ALLIED-MC20A-R012M-RC Datasheet
646Kb / 2P
Molded Chip Inductors
MC30A-100K-RC ALLIED-MC30A-100K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC20-R010K-RC ALLIED-MC20-R010K-RC Datasheet
391Kb / 1P
Molded Chip Inductors
MC50-R22M-RC ALLIED-MC50-R22M-RC Datasheet
413Kb / 1P
Molded Chip Inductors
MC20A ALLIED-MC20A Datasheet
649Kb / 2P
Molded Chip Inductors
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
Molded Chip Inductors
MC30A ALLIED-MC30A Datasheet
2Mb / 1P
Molded Chip Inductors
MC50 ALLIED-MC50 Datasheet
413Kb / 1P
Molded Chip Inductors
MC20 ALLIED-MC20 Datasheet
458Kb / 1P
Molded Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com