Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB772S-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB772S-X-AB3-R
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB772S-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB772S-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB772S-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB772S-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB772S
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-002.E
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Peak Collector Current
ICP
-7
A
DC Collector Current
IC
-3
A
Base Current
IB
-0.6
A
SOT-89
0.5
W
SOT-223
1
W
Power Dissipation
TO-92
PD
0.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
-40
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA, IB=0
-30
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100μA, IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-30V ,IE=0
-1000
nA
Collector Cut-Off Current
ICEO
VCE=-30V ,IB=0
-1000
nA
Emitter Cut-Off Current
IEBO
VEB=-3V, IC=0
-1000
nA
hFE1
VCE=-2V, IC=-20mA
30
200
DC Current Gain(Note 1)
hFE2
VCE=-2V, IC=-1A
100
150
400
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-2A, IB=-0.2A
-0.3
-0.5
V
Base-Emitter Saturation Voltage
VBE(SAT) IC=-2A, IB=-0.2A
-1.0
-2.0
V
Current Gain Bandwidth Product
fT
VCE=-5V, IC=-0.1A
80
MHz
Output Capacitance
Cob
VCB=-10V, IE=0,f=1MHz
45
pF
Note 1: Pulse test: PW<300μs, Duty Cycle<2%
CLASSIFICATION OF hFE2
RANK
Q
P
E
RANGE
100 ~ 200
160 ~ 320
200 ~ 400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com