Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1797 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA1797
Description  POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1797 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA1797 Datasheet HTML 1Page - Unisonic Technologies 2SA1797 Datasheet HTML 2Page - Unisonic Technologies 2SA1797 Datasheet HTML 3Page - Unisonic Technologies 2SA1797 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1797
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R208-029,E
TYPICAL CHARACTERISTICS
0 -0.2 -0.4 -0.6
-1m
Grounded Emitter Propagation
Characteristics
Base to Emitter Voltage, VBE (V)
-0.8 -1.0
02
6
Grounded Emitter Output
Characteristics
Collector to Emitter Voltage, VCE (V)
810
13
4
5
7
9
0
200m
400m
600m
800m
1
1.2
1.4
1.6
1.8
2.0
Ta=25℃
IB=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
-1.2 -1.4
-2m
-5m
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
-2
-5
-10
VCE=2V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com