Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0063_V2 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0063_V2
Description  1.5:1 Auto Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0063_V2 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0063_V2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0063_V2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0063_V2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0063_V2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5:1 Auto Transformer
5-1000MHz
Rev V2
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MABACT0063
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test
Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
-
5 - 1000 MHz
dB
-
0.5
1.0
Input Return Loss
-
5 - 500 MHz
dB
24
30
-
Input Return Loss
-
500 - 1000 MHz
dB
16
26
-
Recommended PCB Configuration
Recommended Maximum Ratings
1,2
Parameter
Value
Max Input Power
250mW
DC current
100mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology Solutions does not recommend sus-
tained operation near these survivability limits.
Dimensions in mm, Tolerance: .xx ± .2, .xxx ± .1
Drawing not to scale



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com