Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0063 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0063
Description  1.5:1 Auto Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0063 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0063 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0063 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0063 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0063 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5:1 Auto Transformer
5-1000MHz
Rev V2
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MABACT0063
Features
• Surface Mount
• 1.5:1 Impedance
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel.
Description
M/A-COM Technology Solutions MABACT0063 is a
1.5:1 Auto Transformer in a low cost, surface mount
package. Ideally suited for high volume CATV/
Broadband applications.
Schematic
Pin No.
Function
1
Not Connected
2
Not Connected
3
Primary Dot (e.g. 75 Ohms)
4
Secondary Dot (e.g. 50 Ohms)
5
Primary and Secondary (Ground)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in mm, Tolerance: .xx ± .2, .xxx ± .1
Drawing not to scale
Pin Configuration
Component Dimensions:


Similar Part No. - MABACT0063

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0063 MACOM-MABACT0063 Datasheet
75Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0063 MA-COM-MABACT0063 Datasheet
81Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
MABACT0063 MA-COM-MABACT0063 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
logo
Tyco Electronics
MABACT0063TR MACOM-MABACT0063TR Datasheet
75Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0063TR MA-COM-MABACT0063TR Datasheet
81Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
More results

Similar Description - MABACT0063

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC15-4 MACOM-ETC15-4 Datasheet
59Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
MABACT0063 MACOM-MABACT0063 Datasheet
75Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0063 MA-COM-MABACT0063 Datasheet
81Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
ETC1.5-4 MA-COM-ETC1.5-4_1 Datasheet
329Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer
DS-MABACT0061 MA-COM-DS-MABACT0061 Datasheet
285Kb / 3P
4:1 Auto Transformer
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0 Datasheet
69Kb / 3P
1.5:1 Flux Coupled Transformer
MABA-010386-CA3A40 MA-COM-MABA-010386-CA3A40 Datasheet
195Kb / 4P
Auto-Transformer 1:3
MABACT0063 MA-COM-MABACT0063 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0_15 Datasheet
69Kb / 3P
1.5:1 Flux Coupled Transformer
MABACT0063 MA-COM-MABACT0063_15 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com