Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB798L-X-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB798L-X-AB3-R
Description  POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB798L-X-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB798L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB798L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB798L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SB798L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB798
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R208-020.B
TYPICAL CHARACTERISTICS
0100
1.0
Ambient Temperature, Ta ( )
Collector Dissipation vs. Ambient
Temperature
150
0.5
50
200
250
0
1.5
2.0
2.5
-0.4
-0.6
-20
Collector Current vs.
Base to Emitter Voltage
-0.7
-5
-10
-50
-2
-0.5
-0.8 -0.9
-1
-100
-200
-500
-1000
Base to Emitter Voltage, VBE (V)
-1.0
When mounted on a ceramic
substrate of 16cm2 *0.7mm
VCE=-0.6V
PULSDE
-1
-5
50
DC Current Gain
vs.Collector Current
-10
20
-2
-20-50
10
100
200
Collector Current, IC (A)
-100-200
500
1000
-500-1-2 -5
-0.05
Collector and Base Saturation Voltage
vs. Collector Current
-0.02
-0.01
-0.1
-0.2
Collector Current, IC (A)
-0.5
-1
-2
-5
-10
VCE=1.0V
PULSED
Ta=75
Ta=-25
Ta=25
IC=10*IB
VBE(sat)
VCE(sat)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com