Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1151L-X-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB1151L-X-AA3-R
Description  LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1151L-X-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB1151L-X-AA3-R Datasheet HTML 1Page - Unisonic Technologies 2SB1151L-X-AA3-R Datasheet HTML 2Page - Unisonic Technologies 2SB1151L-X-AA3-R Datasheet HTML 3Page - Unisonic Technologies 2SB1151L-X-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1151
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R204-022.C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-7
V
DC
IC
-5
A
Collector Current
Pulse(Note 2)
ICP
-8
A
Base Current
IB
-1
A
SOT-223
1
W
TO-126
1.5
W
Power Dissipation (Ta=25°C)
TO-252
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.PW
≤10ms, Duty Cycle≤50%
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Voltage
BVCBO
IC=-100uA, IE=0
-60
V
Collector-Emitter Voltage
BVCEO
IC=-1mA, IB=0
-60
V
Emitter-Base Voltage
BVEBO
IE=-100uA, Ic=0
-7
V
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-10
µA
Emitter Cut-off Current
IEBO
VEB=-7V, IC=0
-10
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-2A, IB=-0.2A
-0.14
-0.3
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-2A, IB=-0.2A
-0.9
-1.2
V
hFE 1
VCE=-1V, IC=-0.1A
60
hFE 2
VCE=-1V, IC=-2A
160
400
DC Current Gain
hFE 3
VCE=-2V, IC=-5A
50
Turn On Time
tON
0.15
1
µS
Storage Time
tSTG
0.78
2.5
µS
Switching Time
Fall Time
tF
0.18
1
µS
Pulse test : PW
≤350 µS, Duty Cycle≤2% Pulse
CLASSIFICATION OF hFE2
RANK
O
Y
RANGE
160 ~ 320
200 ~ 400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com