Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2S4 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S2S4
Description  Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S4 Datasheet(HTML) 2 Page - Sharp Corporation

  S2S4 Datasheet HTML 1Page - Sharp Corporation S2S4 Datasheet HTML 2Page - Sharp Corporation S2S4 Datasheet HTML 3Page - Sharp Corporation S2S4 Datasheet HTML 4Page - Sharp Corporation S2S4 Datasheet HTML 5Page - Sharp Corporation S2S4 Datasheet HTML 6Page - Sharp Corporation S2S4 Datasheet HTML 7Page - Sharp Corporation S2S4 Datasheet HTML 8Page - Sharp Corporation S2S4 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
■ Internal Connection Diagram
2
■ Outline Dimensions
Product mass : approx. 0.09g
Product mass : approx. 0.09g
(Unit : mm)
VDE option
S2S4 Series
Sheet No.: D2-A06601EN
1
4
3
1
2
2
3
4
Anode
Cathode
Anode/Cathode
Cathode/Anode
Zero Crossing Circuit
2S4
SHARP
mark "S"
Date code (2 digit)
Model No.
Factory identification mark
5.3
±0.3
0.5
+0.4
−0.2
7.0
+0.2
−0.7
Anode
mark
Epoxy resin
45˚
6˚
1
2
0.4
±0.1
4
3
3.6
±0.3
2.54
±0.25
5.3
±0.3
0.5
+0.4
−0.2
7.0
+0.2
−0.7
Epoxy resin
45˚
6˚
1
2
4
3
3.6
±0.3
2.54
±0.25
2S4
SHARP
mark "S"
Date code (2 digit)
Model No.
Anode
mark
Factory identification mark
VDE identification mark
0.4
±0.1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com