Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2S4R Datasheet(PDF) 5 Page - Sharp Corporation

Part # S2S4R
Description  Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S4R Datasheet(HTML) 5 Page - Sharp Corporation

  S2S4R Datasheet HTML 1Page - Sharp Corporation S2S4R Datasheet HTML 2Page - Sharp Corporation S2S4R Datasheet HTML 3Page - Sharp Corporation S2S4R Datasheet HTML 4Page - Sharp Corporation S2S4R Datasheet HTML 5Page - Sharp Corporation S2S4R Datasheet HTML 6Page - Sharp Corporation S2S4R Datasheet HTML 7Page - Sharp Corporation S2S4R Datasheet HTML 8Page - Sharp Corporation S2S4R Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
■ Model Line-up (1) (Lead-free components)
5
Please contact a local SHARP sales representative to inquire about production status.
S2S4 Series
Sheet No.: D2-A06601EN
■ Model Line-up (2) (Lead solder plating components)
Sleeve
100pcs/sleeve
3 000pcs/reel
Taping
S2S4000F
S2S4R00F
S2S4L00F
S2S4Y00F
S2S4RY0F
S2S4LY0F
MAX. 10
MAX. 7
MAX. 5
Approved
S2S4A00F
S2S4RA0F
S2S4LA0F
S2S4AY0F
S2S4RAYF
-
Approved
750pcs/reel
S2S4B00F
S2S4RB0F
S2S4LB0F
S2S4BY0F
S2S4RBYF
-
Approved
Shipping Package
DIN
EN60747-5-2
Model No.
IFT[mA]
(VD
=6V, RL=100Ω)
No rank
Rank R
Rank L
IFT rank
Sleeve
100pcs/sleeve
3 000pcs/reel
Taping
S2S4
S2S4R
S2S4L
S2S4Y
S2S4RY
S2S4LY
MAX. 10
MAX. 7
MAX. 5
Approved
S2S4A
S2S4RA
S2S4LA
S2S4AY
S2S4RAY
-
Approved
750pcs/reel
S2S4B
S2S4RB
S2S4LB
S2S4BY
S2S4RBY
-
Approved
Shipping Package
DIN
EN60747-5-2
Model No.
IFT[mA]
(VD
=6V, RL=100Ω)
No rank
Rank R
Rank L
IFT rank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com