Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2S5RY0F Datasheet(PDF) 5 Page - Sharp Corporation

Part # S2S5RY0F
Description  Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S5RY0F Datasheet(HTML) 5 Page - Sharp Corporation

  S2S5RY0F Datasheet HTML 1Page - Sharp Corporation S2S5RY0F Datasheet HTML 2Page - Sharp Corporation S2S5RY0F Datasheet HTML 3Page - Sharp Corporation S2S5RY0F Datasheet HTML 4Page - Sharp Corporation S2S5RY0F Datasheet HTML 5Page - Sharp Corporation S2S5RY0F Datasheet HTML 6Page - Sharp Corporation S2S5RY0F Datasheet HTML 7Page - Sharp Corporation S2S5RY0F Datasheet HTML 8Page - Sharp Corporation S2S5RY0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
S2S5 Series
Sheet No.: D2-A06701EN
■ Model Line-up (1) (Lead-free components)
Please contact a local SHARP sales representative to inquire about production status.
■ Model Line-up (2) (Lead solder plating components)
Shipping Package
DIN
EN60747-5-2
Model No.
Sleeve
100pcs/sleeve
Taping
3 000pcs/reel
S2S5000F
S2S5R00F
MAX.10
MAX.7
Approved
S2S5A00F
S2S5RA0F
S2S5Y00F
S2S5RY0F
S2S5AY0F
S2S5RAYF
Approved
IFT[mA]
(VD
=6V, RL=100Ω)
No rank
Rank R
IFT rank
Shipping Package
DIN
EN60747-5-2
Model No.
Sleeve
100pcs/sleeve
Taping
3 000pcs/reel
S2S5
MAX.10
Approved
S2S5A
-
S2S5AY
Approved
IFT[mA]
(VD
=6V, RL=100Ω)
No rank
IFT rank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com