Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2S3RAY Datasheet(PDF) 8 Page - Sharp Corporation

Part # S2S3RAY
Description  Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S3RAY Datasheet(HTML) 8 Page - Sharp Corporation

Back Button S2S3RAY Datasheet HTML 4Page - Sharp Corporation S2S3RAY Datasheet HTML 5Page - Sharp Corporation S2S3RAY Datasheet HTML 6Page - Sharp Corporation S2S3RAY Datasheet HTML 7Page - Sharp Corporation S2S3RAY Datasheet HTML 8Page - Sharp Corporation S2S3RAY Datasheet HTML 9Page - Sharp Corporation S2S3RAY Datasheet HTML 10Page - Sharp Corporation S2S3RAY Datasheet HTML 11Page - Sharp Corporation S2S3RAY Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Fig.11 ON-state Current vs. ON-state Voltage
8
S2S3 Series
Sheet No.: D2-A06501EN
Remarks : Please be aware that all data in the graph are just for reference.
0
100
80
60
40
20
02
1.6
1.2
0.8
0.4
0.2
1.8
1.4
1
0.6
ON-state voltage VT (V)
IF
=20mA
Ta
=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com