Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2688 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC2688
Description  NPN SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2688 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC2688 Datasheet HTML 1Page - Unisonic Technologies 2SC2688 Datasheet HTML 2Page - Unisonic Technologies 2SC2688 Datasheet HTML 3Page - Unisonic Technologies 2SC2688 Datasheet HTML 4Page - Unisonic Technologies 2SC2688 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC2688
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R204-023,C
TYPICAL CHARACTERISTICS (Ta=25℃)
0
0.4
0.8
1.2
Base to Emitter Voltage, VBE (V)
10
20
50
60
Collector Current vs. Base to
Emitter Voltage
70
30
VCE=10V
0.2
0.6
1.0
1.4
40
0.1
10
100
Collector Current, IC (mA)
1
5
100
DC Current Gain vs. Collector
Current
10
0.5
5
50
1000
50
1500
200
VCE=10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com