Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3149 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3149
Description  NPN TEANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3149 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3149 Datasheet HTML 1Page - Unisonic Technologies 2SC3149 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC3149
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R204-024.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
1200
V
Collector-emitter voltage
VCEO
800
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
IC
0.5
A
Collector Dissipation
PC
2
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0A
1200
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, IB=0A
800
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0A
7
V
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
μA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0A
10
μA
DC Current Gain (Note)
hFE
IC=100mA, VCE=5V
10
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=200mA, IB=40mA
0.8
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=200mA, IB=40mA
1.5
V
Current Gain Bandwidth Product
fT
IC=100mA, VCE=10V
15
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
30
pF
Turn-On Time
tON
1.0
μs
Storage Time
tSTG
3.0
μs
Fall Time
tF
IC=1A, IB1=0.2A, IB2=-0.4A,
RL=400Ω, VCC=400V
0.7
μs
Note: Pulse test: Pulse width=300μs, Duty Cycle≦2%
CLASSIFICATION OF hFE
RANK
K
L
M
RANGE
10 ~ 20
15 ~ 30
20 ~ 40
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com