Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2712L-X-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC2712L-X-AE3-R
Description  AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2712L-X-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC2712L-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC2712L-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SC2712L-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SC2712L-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2712
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-029.E
TYPICAL CHARACTERISTICS
fT -IC
0.1 0.3
3
10
100 300
10
30
50
100
500
1000
Collector Current, IC (mA)
130
300
3000
Common Emitter
VCE=10V
Ta=25°С
IB -VBE
0
0.2
0.6
1.0
1.2
0.3
3
5
10
300
500
0.4
0.8
100
3000
Base-Emitter Voltage, VBE (V)
0.5
1
30
50
1000
Common Emitter
VCE=10V
25°С
-25°С
Ta=100°С
h Parameter, IC
0.1
0.3
3
30
0.1
1
3
10
300
2000
Collector Current, IC (mA)
110
100
0.3
0.5
5
30
50
500
1000
Common Emitter
VCE=12V, f=270Hz, Ta=25°С
BL
GR
Y
O
Y
O
BL
GR
hoe×µS
hie×KΩ
BL
GR
Y
O
O
Y BL GR h
re×10-
4
h Parameter, VCE
0.5 1
30
0.1
1
3
10
300
2000
Collector-Emitter Voltage, VCE (V)
100
0.3
0.5
5
30
50
500
1000
310
100 300
BL
BL
hre
Common Emitter
IC=2mA, Ta=25°С, f=270Hz
BL
GR
Y
O
GR
Y
O
hoe×µS
GR
O
Y
hie×KΩ
hre×10
-4
O
Y
BL
GR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com