Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC3356
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3356 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC3356 Datasheet HTML 1Page - Unisonic Technologies 2SC3356 Datasheet HTML 2Page - Unisonic Technologies 2SC3356 Datasheet HTML 3Page - Unisonic Technologies 2SC3356 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC3356
NPN SILICON TRANSISTOR
www.unisonic.com.tw
3 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R206-024,D
TYPICAL CHARACTERISTICS
VCE=10V
100
200
50
20
10
0.5
1
5
10
50
Collector Current, IC (mA)
DC Current Gain vs. Collector Current
VCE=10V
f=1.0GHz
15
10
5
0
0.5
1
5
10
50
Collector Current, IC (mA)
70
Insertion Gain vs. Collector Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com