Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3648-X-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC3648-X-AB3-R
Description  HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3648-X-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC3648-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3648-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC3648-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC3648-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SC3648-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3648
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R208-038,C
SWITCHING TIME TEST CIRCUIT
PW=20µS
DC≤1%
IB1
RB
IB2
VR
50Ω
+
100µF
-5V
INPUT
20IB1= -20IB2=IC=300mA
470µF
+
100V
333Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com