Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3838 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3838
Description  HIGH-FREQUENCY AMPLIFIER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3838 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3838 Datasheet HTML 1Page - Unisonic Technologies 2SC3838 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC3838
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R220-018,Ca
HIGH-FREQUENCY AMPLIFIER
TRANSISTOR
FEATURES
*High transition frequency.
*Small rbb’·Cc and high gain.
*Small NF.
SOT-323
1
2
3
SOT-23
1
2
3
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2SC3838L-x-AE3-R
2SC3838G-x-AE3-R
SOT-23
E
B
C
Tape Reel
2SC3838L-x-AL3-R
2SC3838G-x-AL3-R
SOT-323
E
B
C
Tape Reel
MARKING


Similar Part No. - 2SC3838

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3838 ROHM-2SC3838 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC3838 SECOS-2SC3838 Datasheet
1Mb / 3P
NPN Plastic Encapsulated Transistor
logo
Weitron Technology
2SC3838 WEITRON-2SC3838 Datasheet
865Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Guilin Strong Micro-Ele...
2SC3838 GSME-2SC3838 Datasheet
287Kb / 3P
SOT-23
More results

Similar Description - 2SC3838

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3838K KEXIN-2SC3838K Datasheet
38Kb / 1P
High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
High-frequency Amplifier Transistor
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G Datasheet
151Kb / 4P
High-Frequency Amplifier Transistor
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
High-Frequency Amplifier Transistor
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
High-Frequency Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com