Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4672-X-AB3-R
Description  LOW FREQUENCY TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4672-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4672-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4672-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4672-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4672-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4672
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R208-004.D
ABSOLUATE MAXIUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
2
A
Collector Current (Pulse) (Note 1)
ICP
5
A
Collector Dissipation
PC
500
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1.Single pulse, PW=10ms
2.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC =50μA
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC =1mA
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE =50μA
6
V
Collector Cutoff Current
ICBO
VCB=60V
0.1
μA
Emitter Cutoff Current
IEBO
VEB=5V
0.1
μA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC /IB=1A/50mA (Note)
0.1
0.35
V
DC Current Transfer Ratio
hFE
VCE=2V, IC =0.5A (Note)
120
400
Transition Frequency
fT
VCE=2V, IE =-0.5A, f=100MHz
210
MHz
Output Capacitance
COB
VCB=10V, IE =0A,f=1MHz
25
pF
Note : Measured using pulse current.
■
CLASSIFICATION OF hFE
RANK
A
B
RANGE
120 ~ 240
200 ~ 400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com