Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617G-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4617G-X-AE3-R
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4617G-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4617G-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4617G-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4617G-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4617G-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies 2SC4617G-X-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC4617
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R206-081.D
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
IC
0.15
A
SOT-523
PC
150
mW
Collector Power Dissipation
SOT-23/SOT-323
PC
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Breakdown Voltage
BVCBO
IC= 50μA
60
V
Collector Emitter Breakdown Voltage
BVCEO
IC= 1mA
50
V
Emitter-base Breakdown Voltage
BVEBO
IE=50μA
7
V
Collector Cut-Off Current
ICBO
VCB=60V
0.1
μA
Emitter Cut-Off Current
IEBO
VEB= 7V
0.1
μA
DC Current Gain
hFE
VCE=6V, IC=1mA
120
560
Collector-Emitter Saturation Voltage
VCE(SAT) IC=50mA, IB=5mA
0.4
V
Transition Frequency
fT
VCE=12V, IE= -2mA, f=100MHz
180
MHz
Output Capacitance
Cob
VCE= 12V, IE= 0A, f=1MHz
2
3.5
pF
CLASSIFICATION OF hFE
RANK
Q
R
S
RANGE
120 ~ 270
180 ~ 390
270 ~ 560



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com