Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617G-X-AL3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC4617G-X-AL3-R
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4617G-X-AL3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC4617G-X-AL3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4617G-X-AL3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4617G-X-AL3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4617G-X-AL3-R Datasheet HTML 4Page - Unisonic Technologies 2SC4617G-X-AL3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4617
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-081.D
TYPICAL CHARACTERISTICS
Collector Current, IE (mA)
500
-0.5
-5
-10
100
200
-1
-100
50
Gain Bandwidth Product vs. Emitter
Current
-2
-20
-50
Ta = 25℃
VCE =6V
10
0.2
510
50
2
20
0.5
5
1
1
2
20
Ta=25℃
f=1MHz
IE=0A
IC=0A
Cib
Cob
Collector to Base Voltage, VCB (V)
Emitter to Base Voltage, VEB (V)
Collector Output Capacitance vs. Collector-Base Voltage
Emitter Input Capacitance vs. Emitter-Base Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com