Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672G-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC4672G-X-AB3-R
Description  LOW FREQUENCY TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4672G-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC4672G-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4672G-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4672G-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4672G-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC4672
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2010 Unisonic Technologies Co.,
QW-R208-004.D
LOW FREQUENCY TRANSISTOR
(50V,2A)
DESCRIPTION
The UTC 2SC4672 is a low frequency transistor. Excellent DC
current gain characteristics.
FEATURES
*Low Saturation Voltage, Typically VCE(SAT)=0.1V at IC / IB=1A / 50mA
*Excellent DC Current Gain Characteristics
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen-Free
Package
1
2
3
Packing
2SC4672-x-AB3-R
2SC4672L-x-AB3-R
2SC4672G-x-AB3-R
SOT-89
B
C
E
Tape Reel
MARKING


Similar Part No. - 2SC4672G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
logo
Weitron Technology
2SC4672 WEITRON-2SC4672 Datasheet
265Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC4672G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
Low-frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
Low Frequency Transistor
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
Low frequency transistor
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
Low frequency transistor
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
Low Frequency Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com