Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS8D43-R68N-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS8D43-R68N-RC
Description  Shielded Power Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS8D43-R68N-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS8D43-R68N-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Power Chip Inductor
PCS8D43
15
RDC
(mΩ)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS8D43-R68N-RC
PCS8D43-1R2N-RC
PCS8D43-2R0N-RC
PCS8D43-3R9N-RC
PCS8D43-4R7N-RC
PCS8D43-100N-RC
PCS8D43-220N-RC
PCS8D43-330N-RC
PCS8D43-470N-RC
PCS8D43-680N-RC
.68
1.2
2.0
3.9
4.7
10
22
33
47
68
30
30
30
30
30
30
30
30
30
30
100
100
100
100
100
100
100
100
100
100
9.5
12.2
14
19
22
36
75
125
150
240
9.00
8.00
7.00
5.90
5.60
4.00
2.60
2.20
1.80
1.50
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS8D43-6R8N-RC
6.8
30
100
25
4.40
PCS8D43-150N-RC
15
30
100
53
2.90
(A) Max
Max.
All specifications subject to change wtihout notice.
KHz, 0.1V
Features
• SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
• Magnetically shielded
Electrical
Inductance Range: .68µh to 100µh,
Tolerance:
30% over entire range
Operating Temp: -40ºC ~ +85ºC
Rated Current: Current at which inductance
drop by no more than 35% of intial value or the
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for
10 sec. +/- 1 sec.
Test Equipment
(L):
HP4287 LCR Meter or equal
(RDC): CH502BC or equal
(Current): VR126G / 7220 Meter
Physical
Packaging: 800 pieces per 13 inch reel.
Marking: EIA Inductance Code
temperature has risen by 40ºC which ever occurs first
Also, available in tighter tolerances
REVISED 12/17/10
• High Current
Available in additional values
Storage Temp: -40ºC ~ +125ºC
4.5
PCS8D43-101N-RC
100
30
100
360
1.30
Tolerance: also available in: K=10% and M=20%
Dimensions:
Inches
(mm)


Similar Part No. - PCS8D43-R68N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS8D43-R68N-RC ALLIED-PCS8D43-R68N-RC Datasheet
452Kb / 1P
Shielded Power Chip Inductor
More results

Similar Description - PCS8D43-R68N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCS8D43 ALLIED-PCS8D43 Datasheet
452Kb / 1P
Shielded Power Chip Inductor
PCSD054 ALLIED-PCSD054 Datasheet
514Kb / 1P
Shielded Power Chip Inductor
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCS8D28 ALLIED-PCS8D28 Datasheet
452Kb / 1P
Shielded Power Chip Inductor
PCS129 ALLIED-PCS129 Datasheet
352Kb / 1P
Power Chip Shielded Inductor
PCS6D38-AU ALLIED-PCS6D38-AU Datasheet
4Mb / 1P
Power Chip Shielded Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com