Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD313 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD313
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD313 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD313 Datasheet HTML 1Page - Unisonic Technologies 2SD313 Datasheet HTML 2Page - Unisonic Technologies 2SD313 Datasheet HTML 3Page - Unisonic Technologies 2SD313 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD313
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-001,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
3
A
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS(Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA
60
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100uA
5
V
Collector Cut-Off Current
ICBO
VCB=20V, IE=0
0.1
mA
Emitter Cut-Off Current
IEBO
VEB=4V, IC=0
1.0
mA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=2A, IB=0.2A
1.0
V
Base-Emitter On voltage
VBE(ON)
VCE=2V, IC=1A
1.5
V
DC Current Gain
hFE
IC=1A, VCE=2V
IC=0.1A,VCE=2V
40
40
320
CLASSIFICATION ON hFE
RANK
C
D
E
F
RANGE
40-80
60-120
100-200
160-320



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com