Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD468 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD468
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD468 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD468 Datasheet HTML 1Page - Unisonic Technologies 2SD468 Datasheet HTML 2Page - Unisonic Technologies 2SD468 Datasheet HTML 3Page - Unisonic Technologies 2SD468 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD468
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R211-003.B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1
A
Collector Peak Current
ICP
1.5
A
Collector Power Dissipation
PC
0.9
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
Ic=10
µA, I
E=0
25
V
Collector-Emitter Breakdown Voltage
BVCEO
Ic=1mA, RBE=∞
20
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10µA, IC=0
5
V
Collector Cut-Off Current
ICBO
VCB=20V, IE=0
1
µA
DC Current Transfer Ratio
hFE
VCE=2V, Ic=0.5A (Note)
85
240
Collector-Emitter Saturation Voltage
VCE(SAT)
Ic=0.8A, IB=0.08A (Note)
0.2
0.5
V
Base-Emitter Voltage
VBE
VCE=2V, Ic=0.5A (Note)
0.79
1
V
Gain Bandwidth Product
fT
VCE=2V, Ic=0.5A (Note)
190
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
22
pF
Note: Pulse test
CLASSIFICATION OF hFE
RANK
B
C
RANGE
85 - 170
120 - 240



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com