Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD965-X-TN3-R
Description  LOW VOLTAGE HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD965-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD965-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD965-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD965-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD965-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD965/A
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R209-007.C
LOW VOLTAGE HIGH
CURRENT TRANSISTOR
FEATURES
* Collector current up to 5A
* UTC 2SD965: Collector-Emitter voltage up to 20 V
* UTC 2SD965A: Collector-Emitter voltage up to 30 V
APPLICATIONS
* Audio amplifier
* Flash unit of camera
* Switching circuit
Lead-free:
2SD965L/2SD965AL
Halogen-free:2SD965G/2SD965AG
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
2SD965-x-AB3-R
2SD965L-x-AB3-R
2SD965G-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SD965-x-T92-B
2SD965L-x-T92-B
2SD965G-x-T92-B
TO-92
E
C
B
Tape Box
2SD965-x-T92-K
2SD965L-x-T92-K
2SD965G-x-T92-K
TO-92
E
C
B
Bulk
2SD965-x-TN3-R
2SD965L-x-TN3-R
2SD965G-x-TN3-R
TO-252
B
C
E
Tape Reel
2SD965A-x-AB3-R
2SD965AL-x-AB3-R
2SD965AG-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SD965A-x-T92-B
2SD965AL-x-T92-B
2SD965AG-x-T92-B
TO-92
E
C
B
Tape Box
2SD965A-x-T92-K
2SD965AL-x-T92-K
2SD965AG-x-T92-K
TO-92
E
C
B
Bulk
2SD965A-x-TN3-R
2SD965AL-x-TN3-R
2SD965AG-x-TN3-R
TO-252
B
C
E
Tape Reel


Similar Part No. - 2SD965-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD965-X-TN3-R UTC-2SD965-X-TN3-R Datasheet
57Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
More results

Similar Description - 2SD965-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN888 STMICROELECTRONICS-STN888 Datasheet
107Kb / 9P
HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
03-Aug-2005
logo
Unisonic Technologies
2SD965 UTC-2SD965 Datasheet
57Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965B UTC-2SD965B Datasheet
101Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
D965SS UTC-D965SS Datasheet
77Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
STD888 UTC-STD888 Datasheet
132Kb / 3P
HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
2SD965A UTC-2SD965A_15 Datasheet
236Kb / 5P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
D965ASS UTC-D965ASS_15 Datasheet
215Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
STD888 UTC-STD888_15 Datasheet
126Kb / 3P
HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SD965A BILIN-2SD965A Datasheet
162Kb / 3P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.A
2SD965 BILIN-2SD965 Datasheet
154Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com