Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1060L-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1060L-X-AB3-R
Description  NPN PLANAR SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1060L-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1060L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1060L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1060L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1060L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1060L-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1060
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-023.C
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
5
A
Collector Current (Pulse)
ICP
9
A
SOT-89
500
mW
TO-126/TO-251
1
W
TO-252/TO-220
2
W
Collector Dissipation
TO-92
PC
625
mW
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-to-Base Breakdown Voltage
BVCBO
IC =1mA, IE=0
60
V
Collector-to-Emitter Breakdown Voltage
BVCEO
IC=1mA, RBE =∞
50
V
Emitter-to-Base Breakdown Voltage
BVEBO
IC =0, IE=1mA
6
V
Collector Cut-Off Current
ICBO
VCB=40V, IE=0
0.1
mA
Emitter Cut-Off Current
IEBO
VEB=4V, IC=0
0.1
mA
hFE1
VCE=2V, IC=1A
70
360
DC Current Gain
hFE2
VCE=2V, IC=3A
30
Gain Bandwidth Product
fT
VCE =5V, IC =1A
30
MHZ
Output Capacitance
Cob
VCB =10V, f=1MHz
100
pF
Collector-to-Emitter Saturation Voltage
VCE(SAT)
IC=3A, IB=0.3A
0.4
V
Turn-ON Time
tON
See specified test circuit
0.1
µs
Storage Time
tSTG
See specified test circuit
1.4
µs
Fall Time
tF
See specified test circuit
0.2
µs
CLASSIFICATION of hFE1
RANK
Q
R
S
RANGE
70-140
100-200
180-360



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com