Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1664 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1664
Description  MEDIUM POWER NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1664 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1664 Datasheet HTML 1Page - Unisonic Technologies 2SD1664 Datasheet HTML 2Page - Unisonic Technologies 2SD1664 Datasheet HTML 3Page - Unisonic Technologies 2SD1664 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD1664
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R208-025.C
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
32
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
1
A
Collector Current (Duty=1/2, PW=20ms)
Pulse
IC
2
A
Collector Power Dissipation
PC
0.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Breakdown Voltage
BVCBO
IC= 50μA
40
V
Collector Emitter Breakdown Voltage
BVCEO
IC= 1mA
32
V
Emitter Base Breakdown Voltage
BVEBO
IE=50μA
5
V
Collector Cut-Off Current
ICBO
VCB=20V
0.5
μA
Emitter Cut-Off Current
IEBO
VEB= 4V
0.5
μA
DC Current Gain
hFE
VCE= 3V, Ic= 100mA
82
390
Collector-Emitter Saturation Voltage
VCE(SAT) IC/IB=500mA /50mA
0.15
0.4
V
Transition Frequency
fT
VCE=5V, IE=-50mA, f=100MHz
150
MHz
Output Capacitance
Cob
VCB= 10V, IE= 0A, f=1MHz
15
pF
CLASSIFICATION OF hFE
RANK
P
Q
R
RANGE
82-180
120-270
180-390



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com