Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1816L-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1816L-X-TN3-R
Description  HIGH CURRENT SWITCHIG APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1816L-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1816L-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1816L-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1816L-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1816L-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1816L-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1816
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R209-011,C
ABSOLUTE MAXIMUM RATINGS (Ta =25℃ )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6
V
DC
4
A
Collector Current
PULSE(Note 1)
IC
8
A
TO-251/TO-252
1
W
Collector Power Dissipation
TO-220F
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note1: Duty=1/2, Pw=20ms
Note2: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Base Breakdown Voltage
BVCBO
IC =10μA, IE =0
120
V
Collector Emitter Breakdown Voltage
BVCEO
IC =1mA, RB=∞
100
V
Emitter Base Breakdown Voltage
BVEBO
IE =10μA, IC=0
6
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = 2A, IB =0.2A
0.9
1.2
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = 2A, IB=0.2A
150
400
mV
Collector Cut-Off Current
ICBO
VCB = 100 V, IE =0
1
μA
Emitter Cut-Off Current
IEBO
VEB = 4V, IC=0
1
μA
hFE1
VCE = 5V, IC = 0.5A
70
400
DC Current Transfer Ratio
hFE2
VCE =5V, IC = 3A
40
Transition Frequency
fT
VCE =10V, IC =0.5A
180
MHz
Output Capacitance
Cob
VCB =10V, IE =0A, f =1MHz
40
pF
Turn-on Time
tON
See test circuit
100
ns
Storage Time
tSTG
See test circuit
900
ns
Fall Time
tF
See test circuit
50
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com