Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2136 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD2136
Description  POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD2136 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD2136 Datasheet HTML 1Page - Unisonic Technologies 2SD2136 Datasheet HTML 2Page - Unisonic Technologies 2SD2136 Datasheet HTML 3Page - Unisonic Technologies 2SD2136 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD2136
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R204-011.B
TYPICAL CHARACTERISTICS
TC=25°С
IB=100mA
10mA
20mA
30mA
40mA
50mA
60mA
70mA
80mA
90mA
0
1
2
3
4
5
0
246
8
10
12
Collector Emitter Voltage, VCE (V)
TC=25°С
TC=100°С
TC=-25°С
VCE=4V
IC -VBE
5
6
7
8
4
3
2
1
0
0
0.4
0.8
1.2
1.6
2.0
2.4
Base Emitter Voltage, VBE (V)
IC-VCE
Without Head Sink
2.0
1.2
1.6
0.8
0.4
0
0
20
40
60
80 100 120 140 160
Ambient Temperature, TA (°С)
PC -TA
TC=100°С
TC=25°С
TC=-25°С
0.3
0.1
1
3
10
0.03
0.01
0.01
0.03
0.1
0.3
1
3
10
30
100
Collector Current, IC (A)
VCE(SAT) -IC
TC=100°С
TC=25°С
TC=-25°С
VCE=4V
10K
1K
3K
0.3K
0.1K
30
10
3
1
0.01 0.03
0.1
0.3
1
3
10
Collector Current, IC (A)
hFE -IC
VCB=10V
TC=25°С
f=200MHZ
300
250
200
150
100
50
0
-0.01 -0.03
-0.1 -0.3
-1
-3
-10
Collector Current, IC (A)
fT -IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com