Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2751-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SK2751-AE3-R
Description  N-CHANNEL JUNCTION FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SK2751-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SK2751-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SK2751-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SK2751-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SK2751-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK2751
N-CHANNEL JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-067.C
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-Drain Voltage
VGDS
-40
V
Drain Current
ID
10
mA
Gate Current
IG
2
mA
Allowable Power Dissipation
PD
200
mW
Channel Temperature
TCH
+150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25±3℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gate-Drain Voltage
VGDS
IG=-100µA, VDS=0
-40
V
Gate-Source Cut-Off Voltage
VGSC
VDS=10V, ID=1µA
-3.5
V
Drain-Source Cut-Off Current
IDSS
VDS=10V, VGS=0
1.4
4.7
mA
Gate-Source Leakage Current
IGSS
VGS=-20V, VDS=0
-1
nA
Forward Transfer Admittance
| Yfs |
VDS=10V, VGS=0, f=1kHz
2.5
mS
Input Capacitance (Common Source)
CISS
5
pF
Output Capacitance (Common Source)
COSS
1
pF
Reverse Transfer Capacitance
(Common Source)
CRSS
VDS=10V, VGS=0, f=1MHz
1
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com