Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0108 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXES0108
Description  E-Series Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0108 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0108 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0108 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXES0108 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
E-Series Mixer
0.5-500 MHz
MAMXES0108
Rev. V3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
•
Up to +1dBm RF
•
+3-5 dBm LO Drive
•
Low Profile
•
Tape and reel packaging available
•
260°C Reflow Compatible
Description
M/A-COM Technology Solutions MAMXES0108 is a
Low Cost, Broadband, high performance Double Bal-
anced Mixer designed for use in high volume wireless
applications. The device has been optimised by careful
selection of the Schottky Diode and Balun Transformer
for excellent performance. MAMXES0108 is available
in an SM-89 surface mount package and reflows using
standard soldering.
Product Image
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Function
Pin No.
LO
1
RF
4
IF
5
GND
2,3,6
Component Dimensions
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
Impedance
50 Ohms nominal
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Internal Load Dissipation
0.125 Watt
RF Power
1 Watt
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAMXES0108

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXES0108 MA-COM-MAMXES0108 Datasheet
145Kb / 2P
E-Series Mixer, 0.5 - 500 MHz
More results

Similar Description - MAMXES0108

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-007238-CM25MH_V5 MA-COM-MAMX-007238-CM25MH_V5 Datasheet
75Kb / 4P
E-Series Surface Mount Mixer
MAMX-008786-ES0120_V2 MA-COM-MAMX-008786-ES0120_V2 Datasheet
68Kb / 4P
E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
E-Series Surface Mount Mixer
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
68Kb / 4P
E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
E-Series Surface Mount Mixer
MAMX-009646-23DBML-V5 MA-COM-MAMX-009646-23DBML-V5 Datasheet
837Kb / 4P
E-Series Surface Mount Mixer
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067_15 Datasheet
147Kb / 2P
E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH_15 Datasheet
137Kb / 2P
E-Series Surface Mount Mixer
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP_15 Datasheet
156Kb / 2P
E-Series Surface Mount Mixer
MAMXES0117 MA-COM-MAMXES0117_15 Datasheet
165Kb / 4P
E-Series Surface Mount Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com