Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2751L-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SK2751L-AE3-R
Description  N-CHANNEL JUNCTION FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SK2751L-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SK2751L-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SK2751L-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SK2751L-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SK2751L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2751
N-CHANNEL JFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-067.C
TYPICAL CHARACTERISTICS
0.2
-0.6
-0.2
5
4
-1
0.6
6
1
Drain Current vs. Gate to Source Voltage
3
2
0
1
Ta=-25℃
VDS=10V
25℃
75℃
-0.4
-1.2
-0.8
10
8
-1.6
0
12
0.4
6
4
0
2
VDS=10V
60
20
40
200
150
0
80
250
100
120
Power Dissipatio vs. Ambient Temperature
100
50
0
140
160
6
2
4
10
8
0
8
12
10
12
Drain Current vs. Drain Source Voltage
6
4
0
2
Ta=25°C
VGS=0.6V
0V
0.4V
-0.2V
0.2V
3
1
2
10
8
0
4
12
5
6
6
4
0
2
VDS=25V
Ta=25℃
Forward Transfer Admittance vs. Drain Current
Drain Source Voltage, VDS (V)
Ambient Temperature, Ta (℃)
Gate to Source Voltage, VGS (V)
Gate to Source Voltage, VGS (V)
Drain Current, ID (mA)
Forward Transfer Admittance vs. Gate to Source Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com