Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LN01ML-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3LN01ML-AL3-R
Description  N CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3LN01ML-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3LN01ML-AL3-R Datasheet HTML 1Page - Unisonic Technologies 3LN01ML-AL3-R Datasheet HTML 2Page - Unisonic Technologies 3LN01ML-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3LN01M
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-285.a
N CHANNEL SILICON
MOSFET GENERAL-PURPOSE
SWITCHING DEVICE
APPLICATIONS
DESCRIPTION
The 3LN01M uses UTC advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device’s general purpose is for switching device
applications.
FEATURES
* RDS(ON) = 3.7Ω @VGS = 4 V
* Ultra low gate charge ( typical 1.58 nC )
* Low reverse transfer capacitance ( CRSS = typical 2.3 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
2.Gate
1.Source
3.Drain
Lead-free:
3LN01ML
Halogen-free: 3LN01MG
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen-Free
Package
1
2
3
Packing
3LN01M-AL3-R
3LN01ML-AL3-R
3LN01MG-AL3-R
SOT-323
S
G
D
Tape Reel
MARKING


Similar Part No. - 3LN01ML-AL3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3LN01M SANYO-3LN01M Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
3LN01M SANYO-3LN01M Datasheet
53Kb / 4P
General-Purpose Switching Device Applications
logo
ON Semiconductor
3LN01M ONSEMI-3LN01M Datasheet
301Kb / 5P
Small Signal MOSFET
November 2014 - Rev. 1
logo
VBsemi Electronics Co.,...
3LN01M VBSEMI-3LN01M Datasheet
1,012Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
3LN01M-TL-E ONSEMI-3LN01M-TL-E Datasheet
301Kb / 5P
Small Signal MOSFET
November 2014 - Rev. 1
More results

Similar Description - 3LN01ML-AL3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3477 SANYO-MCH3477 Datasheet
58Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2409 SANYO-SCH2409 Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com