Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N70G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N70G-TN3-R
Description  3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N70G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N70G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N70
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-282,D
3 AMPS, 700 VOLTS
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 3N70 is a high voltage and high current power
MOSFET , designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have a
high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) ≤4.0Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N70L-TM3-T
3N70G-TM3-T
TO-251
G
D
S
Tube
3N70L-TN3-R
3N70G-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - 3N70G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N70G-TN3-R UTC-3N70G-TN3-R Datasheet
248Kb / 7P
3A, 700V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N70G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
12 Amps, 700 Volts N-CHANNEL MOSFET
2N70 UTC-2N70 Datasheet
258Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
4N70 UTC-4N70 Datasheet
224Kb / 6P
4 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70K UTC-2N70K Datasheet
266Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
10 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com