Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60L-X-TM3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3N60L-X-TM3-R
Description  3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60L-X-TM3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  3N60L-X-TM3-R Datasheet HTML 1Page - Unisonic Technologies 3N60L-X-TM3-R Datasheet HTML 2Page - Unisonic Technologies 3N60L-X-TM3-R Datasheet HTML 3Page - Unisonic Technologies 3N60L-X-TM3-R Datasheet HTML 4Page - Unisonic Technologies 3N60L-X-TM3-R Datasheet HTML 5Page - Unisonic Technologies 3N60L-X-TM3-R Datasheet HTML 6Page - Unisonic Technologies 3N60L-X-TM3-R Datasheet HTML 7Page - Unisonic Technologies 3N60L-X-TM3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-110,F
TYPICAL CHARACTERISTICS
0
0
Drain Current, ID (A)
24
1
2
4
5
6
On-Resistance Variation vs.
Drain Current and Gate Voltage
3
6
8
10
12
1
0.1
0.2
Source-Drain Voltage, VSD (V)
On State Current vs.
Allowable Case Temperature
1.8
0.4 0.6 0.8 1.0 1.2
1.6
1.4
10
Note: TJ=25℃
Notes:
1. VGS=0V
2. 250µs Test
VGS=20V
VGS=10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com