Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60G-X-TM3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N60G-X-TM3-R
Description  3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60G-X-TM3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N60G-X-TM3-R Datasheet HTML 1Page - Unisonic Technologies 3N60G-X-TM3-R Datasheet HTML 2Page - Unisonic Technologies 3N60G-X-TM3-R Datasheet HTML 3Page - Unisonic Technologies 3N60G-X-TM3-R Datasheet HTML 4Page - Unisonic Technologies 3N60G-X-TM3-R Datasheet HTML 5Page - Unisonic Technologies 3N60G-X-TM3-R Datasheet HTML 6Page - Unisonic Technologies 3N60G-X-TM3-R Datasheet HTML 7Page - Unisonic Technologies 3N60G-X-TM3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N60
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-110,F
3 Amps, 600/650 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 3N60 is a high voltage and high current power
MOSFET , designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have
a high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power
supplies, PWM motor controls, high efficient DC to DC converters
and bridge circuits.
FEATURES
* RDS(ON) = 3.6Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
Lead-free:
3N60L
Halogen-free: 3N60G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
3N60-x-TA3-T
3N60L-x-TA3-T
3N60G-x-TA3-T
TO-220
G
D
S
Tube
3N60-x-TF1-T
3N60L-x-TF1-T
3N60G-x-TF1-T
TO-220F1
G
D
S
Tube
3N60-x-TF3-T
3N60L-x-TF3-T
3N60G-x-TF3-T
TO-220F
G
D
S
Tube
3N60-x-TM3-R
3N60L-x-TM3-R
3N60G-x-TM3-R
TO-251
G
D
S
Tube
3N60-x-TN3-R
3N60L-x-TN3-R
3N60G-x-TN3-R
TO-252
G
D
S
Tape Reel
3N60L-x-TA3-T
(1)Packing Type
(2)Package Type
(4)Lead Plating
(1) R: Tape Reel, T: Tube
(2) TA3: TO-220, TF1: TO-220F1, TF3: TO-22F,
TM3: TO-251, TN3: TO-252
(4) G: Halogen Free, L: Lead Free, Blank: Pb/Sn
(3)Drain-Source Voltage
(3) A: 600V, B: 650V


Similar Part No. - 3N60G-X-TM3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60G-TA3-T UTC-3N60G-TA3-T Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60G-TA3-T UTC-3N60G-TA3-T Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60G-TA3-T UTC-3N60G-TA3-T Datasheet
399Kb / 9P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
3N60G-TA3-T VBSEMI-3N60G-TA3-T Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
3N60G-TF1-T UTC-3N60G-TF1-T Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N60G-X-TM3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60 Datasheet
211Kb / 8P
7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com