Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N10G-TN3-R
Description  7 Amps, 100 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 7N10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-394.d
7 Amps, 100 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 7N10 is an N-Channel enhancement mode power FET,
providing customers with excellent switching performance and
minimum on-state resistance. The UTC 7N10 uses planar stripe and
DMOS technology to provide perfect quality. This device can also
withstand high energy pulse in the avalanche and the commutation
mode.
The UTC 7N10 is generally applied in low voltage applications,
such as DC motor controls, audio amplifiers and high efficiency
switching DC/DC converters,.
FEATURES
* Low Gate Charge: 5.8 nC (TYP.)
* Low CRSS: 10 pF (TYP.)
* 7A, 100V, RDS(ON) = 0.35Ω @VGS = 10 V
* Fast Switching
* Improved dv/dt Capability
SYMBOL
(2)D
(3)S
(1)
G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
7N10L-AA3-R
7N10G-AA3-R
SOT-223
G
D
S
Tape Reel
7N10L-TN3-R
7N10G-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - 7N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N10G-TN3-R UTC-7N10G-TN3-R Datasheet
224Kb / 6P
7A, 100V N-CHANNEL POWER MOSFET
7N10G-TN3-R UTC-7N10G-TN3-R Datasheet
262Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 7N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
80 Amps, 100 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
2 Amps,100 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N10P CHONGQING-8N10P Datasheet
511Kb / 7P
8 Amps,100 Volts N-CHANNEL Power MOSFET
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
12 Amps,100 Volts N-CHANNEL Power MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com